Part Number Hot Search : 
PI3B3244 BCM857DS NCP5005 K15N60 AON7210 UPA68 TMEGA32 1N5232B
Product Description
Full Text Search
 

To Download HYS64T128020EML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2007
HYS64T128020EML-3S-B HYS64T128020EML-3.7-B HYS64T128020EML-5-B
214-Pin Unbuffered DDR2 SDRAM MicroDIMM Modules L o w P ow er
Preliminary
Internet Data Sheet
Rev. 0.5
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
HYS64T128020EML-3S-B HYS64T128020EML-3.7-B Revision History: 2007-05, Rev. 0.5 Page Subjects (major changes since last revision)
We Listen to Your Comments Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to continuously improve the quality of this document. Please send your proposal (including a reference to this document) to: techdoc@qimonda.com
qag_techdoc_rev400 / 3.2 QAG / 2006-08-07 05212007-7F24-MITO
2
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
1
Overview
This chapter gives an overview of the 214-Pin Unbuffered DDR2 SDRAM MicroDIMM Modules product family and describes its main characteristics.
1.1
Features
* Burst Refresh, Distributed Refresh and Self Refresh * All inputs and outputs SSTL_18 compatible * OCD (Off-Chip Driver Impedance Adjustment) and ODT (On-Die Termination) * Serial Presence Detect with E2PROM * Micro-DIMM Dimensions (nominal): 30 mm high, 54.0 mm wide * Based on JEDEC standard reference layouts Raw Card "A" * RoHS compliant product1)
List of Micro-DIMM features * 214-Pin PC-5300,PC2-4200 and PC2-3200 DDR2 SDRAM memory modules for use as main memory when installed in systems such as mobile personal computers. * 128M x 64 module organisation and 64M x16 chip organisation * JEDEC standard Double-Data-Rate-Two Synchronous DRAMs (DDR2 SDRAM) with a single + 1.8 V ( 0.1 V) power supply * 1 GB modules built with 1 Gb DDR2 SDRMs in chipsize packages PG-TFBGA-84. * Programmable CAS Latencies (3, 4 and 5), Burst Length (8 & 4)
TABLE 1
Performance Table
Product Type Speed Code Speed Grade CAS-RCD-RP latencies Max. Clock Frequency @CL5 @CL4 @CL3 Min. RAS-CAS-Delay Min. Row Precharge Time Min. Row Active Time Min. Row Cycle Time -3S PC2-5300 5-5-5 -3.7 PC2-4200 4-4-4 266 266 200 15 15 45 60 -5 PC2-3200 3-3-3 200 200 200 15 15 40 55 Units -- tck MHz MHz MHz ns ns ns ns
fCK5 fCK4 fCK3 tRCD tRP tRAS tRC
333 266 200 15 15 45 60
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury, lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Rev. 0.5, 2007-05 05212007-7F24-MITO
3
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
1.2
Description
feature serial presence detect based on a serial E2PROM device using the 2-pin I2C protocol. The first 128 bytes are programmed with configuration data and are write protected; the second 128 bytes are available to the customer.
The QIMONDA HYS64T128020EML-[3S/3.7/5]-B module family are low power Unbuffered Micro-DIMM modules "MDIMMs" with 30 mm height based on DDR2 technology. DIMMs are available as 128M x 64 organisation and density, intended for mounting into 214-pin mezzanine connector sockets.The memory array is designed with 1 Gb DoubleData-Rate-Two (DDR2) Synchronous DRAMs. Decoupling capacitors are mounted on the PCB board. The DIMMs
TABLE 2
Ordering Information
Product Type
1)
Compliance Code
2)
Description two ranks, Non-ECC two ranks, Non-ECC two ranks, Non-ECC
SDRAM Technology 1 Gbit 1 Gbit 1 Gbit
HYS64T128020EML-3S-B HYS64T128020EML-3.7-B HYS64T128020EML-5-B
1GB 2Rx16 PC2-5300M-555-12-A0 1GB 2Rx16 PC2-4200M-444-12-A0 1GB 2Rx16 PC2-3200M-333-12-A0
1) All part numbers end with a place code, designating the silicon die revision. Example: HYS64T128020EM-3.7-B, indicating Rev. "B" dies are used for DDR2 SDRAM components. For all QIMONDA DDR2 module and component nomenclature see Chapter 6 of this data sheet. 2) The Compliance Code is printed on the module label and describes the speed grade, e.g. "PC2-4200M-444-11-A0, where 4200M means Micro-DIMM modules with 4.26 GB/sec Module Bandwidth and "444-11" means Column Address Strobe (CAS) latency = 4, Row Column Delay (RCD) latency = 4 and Row Precharge (RP) latency = 4 using the latest JEDEC SPD Revision 1.1 and produced on the Raw Card "A".
TABLE 3
Module-Component Mapping Table
QAG DDR2 Memory Module Part Number1) Density Ranks SDRAM Organization Organizatio Type n Nos. 1 GB 128Mx64 Non-ECC 2 x16 8 QAG DDR2 SDRAM Component Raw Part Number Card A HYB18T1G160BFL Density Address Bits Organization Row/Bank/Col umn 1 Gbit, 64Mx16 13/3/10
HYS64T128020EML
1) Green Product
Rev. 0.5, 2007-05 05212007-7F24-MITO
4
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
2
2.1
Pin Configuration and Block Diagrams
Pin Configuration
This chapter contains the pin configuration and block diagrams.
The pin configuration of the DDR2 SDRAM Micro-DIMM is listed by function in Table 4 (214 pins). The abbreviations used in columns Pin and Buffer Type are explained in Table 5 and Table 6 respectively. The pin numbering is depicted in Figure 1.
TABLE 4
Pin Configuration of MDIMM
Ball No. Clock Signals 122 194 123 195 43 147 CK0 CK1 CK0 CK1 CKE0 CKE1 I I I I I I SSTL SSTL SSTL SSTL SSTL SSTL Clock Signal CK 1:0, Complementary Clock Signal CK 1:0 Note: The system clock inputs. All address and command lines are sampled on the cross point of the rising edge of CK and the falling edge of CK. A Delay Locked Loop (DLL) circuit is driven from the clock inputs and output timing for read operations is synchronized to the input clock. Clock Enables 1:0 Note: Activates the DDR2 SDRAM CK signal when HIGH and deactivates the CK signal when LOW. By deactivating the clocks, CKE0 initiates the Power Down Mode or the Self Refresh Mode. 1. 2-rank module NC Control Signals 165 62 S0 S1 NC 163 60 56 RAS CAS WE I I NC I I I SSTL SSTL SSTL SSTL Not Connected Note: 1-rank module Row Address Strobe (RAS), Column Address Strobe (CAS), Write Enable (WE) Note: When sampled at the cross point of the rising edge of CK,and falling edge of CK, RAS, CAS and WE define the operation to be executed by the SDRAM. Bank Address Bus 1:0 Note: Select internal SDRAM memory bank Chip Select Rank 1:01)2) NC Not Connected Note: 1-rank module Name Pin Type Buffer Type Function
Address Signals 55 162 BA0 BA1 I I SSTL SSTL
Rev. 0.5, 2007-05 05212007-7F24-MITO
5
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Ball No. 46
Name BA2 NC
Pin Type I NC I I I I I I I I I I I I I I I NC
Buffer Type SSTL - SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL -
Function Bank Address Bus 2 Note: Greater than 512Mb DDR2 SDRAMS Not Connected Note: Less than 1Gb DDR2 SDRAMS Address Inputs 12:0, Address Input 10/Autoprecharge Note: During a Bank Activate command cycle, defines the row address when sampled at the crosspoint of the rising edge of CK and falling edge of CK. During a Read or Write command cycle, defines the column address when sampled at the cross point of the rising edge of CK and falling edge of CK. In addition to the column address, AP is used to invoke autoprecharge operation at the end of the burst read or write cycle. If AP is HIGH, autoprecharge is selected and BA[2:0] defines the bank to be precharged. If AP is LOW, autoprecharge is disabled. During a Precharge command cycle, AP is used in conjunction with BA[2:0] to control which bank(s) to precharge. If AP is HIGH, all banks will be precharged regardless of the state of BA[2:0] inputs. If AP is LOW, then BA[2:0] are used to define which bank to precharge.
161 159 52 158 51 50 157 48 155 154 54 47 153 167
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 AP A11 A12 A13 NC
Address Input 13 Note: Modules based on x4/x8 component Not Connected Note: Modules based on x16 component Data Bus 0:38 Note: Data Input/Output pins
Data Signals 3 4 9 10 109 110 114 115 12 13 21 22 117 118 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL
Rev. 0.5, 2007-05 05212007-7F24-MITO
6
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Ball No. 125 126 24 25 30 31 128 129 133 134 33 34 38 39 136 137 142 143 67 68 73 74 174 175 179 180 76 77 81 82 182 183 188 189 84 85 92 93 191 192
Name DQ14 DQ15 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53
Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O
Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL
Function Data Bus 0:38 Note: Data Input/Output pins
Data Bus 39:57
Rev. 0.5, 2007-05 05212007-7F24-MITO
7
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Ball No. 200 201 95 96 101 102 203 204 208 209 7 6 19 18 28 27 140 139 71 70 186 185 198 197 99 98 112 120 131 36 177 79 90 206 EEPROM 105 104
Name DQ54 DQ55 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 DQS0 DQS0 DQS1 DQS1 DQS2 DQS2 DQS3 DQS3 DQS4 DQS4 DQS5 DQS5 DQS6 DQS6 DQS7 DQS7 DM0 DM1 DM2 DM3 DM4 DM5 DM6 DM7 SCL SDA
Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I I I I I I I I I I/O
Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL CMOS OD
Function Data Bus 39:57
Data Strobes 7:0 Note: The data strobes, associated with one data byte, sourced with data transfers. In Write mode, the data strobe is sourced by the controller and is centered in the data window. In Read mode the data strobe is sourced by the DDR2 SDRAM and is sent at the leading edge of the data window. DQS signals are complements, and timing is relative to the crosspoint of respective DQS and DQS. If the module is to be operated in single ended strobe mode, all DQS signals must be tied on the system board to VSS and DDR2 SDRAM mode registers programmed appropriately. 2. See block diagram for corresponding DQ signals
Data Masks 7:0 Note: The data write masks, associated with one data byte. In Write mode, DM operates as a byte mask by allowing input data to be written if it is LOW but blocks the write operation if it is HIGH. In Read mode, DM lines have no effect. 3. x8 based module
Serial Bus Clock Note: This signal is used to clock data into and out of the SPD EEPROM. Serial Bus Data Note: This is a bidirectional pin used to transfer data into or out of the SPD EEPROM. A resistor must be connected from SDA to VDDSPD on the motherboard to act as a pull-up.
Rev. 0.5, 2007-05 05212007-7F24-MITO
8
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Ball No. 211 213 Power Supplies 1
Name SA0 SA1
Pin Type I I
Buffer Type CMOS CMOS
Function Serial Address Select Bus 1:0 Note: Address pins used to select the Serial Presence Detect base address. I/O Reference Voltage Note: Reference voltage for the SSTL-18 inputs. Power Supply Note: Power and ground for the DDR SDRAM
VREF
AI PWR
- -
42, 45, 49, 53, VDD 57, 61, 64, 146, 149, 152, 156, 160, 164, 168, 171 107
VDDSPD
PWR
-
EEPROM Power Supply Note: Serial EEPROM positive power supply, wired to a separate power pin at the connector which supports from 1.7 Volt to 3.6 Volt. Ground Plane Note: Power and ground for the DDR SDRAM
2, 5, 8, 11, 14, 17, 20, 23, 26, 29, 32, 35, 37, 40, 66, 69, 72, 75, 78, 80, 83, 86, 89, 91, 94, 97, 100, 103, 108, 111, 113, 116, 119, 121, 124, 127, 130, 132, 135, 138, 141, 144, 173, 176, 178, 181, 184, 187, 190, 193, 196, 205, 199, 202, 207, 210 Other Pins 166 63
VSS
GND
-
ODT0 ODT1
I I
SSTL SSTL
On-Die Termination Control 1:0 Note: Asserts on-die termination for DQ, DM, DQS, and DQS signals if enabled via the DDR2 SDRAM mode register. 4. 2-rank module Not Connected Note: 1-rank module
NC 15, 16, 41, 44, 58, 59, 65, 87, 88, 106, 145, 148, 150, 151, 167, 169, 170, 172, 212, 214 NC NC
Not connected Note: Pins not connected on Qimonda MDIMMs
Rev. 0.5, 2007-05 05212007-7F24-MITO
9
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
1) Enables the associated DDR2 SDRAM command decoder when LOW and disables the command decoder when HIGH. When the command decoder is disabled, new commands are ignored but previous operations continue. Rank 0 is selected by S0; Rank 1 is selected by S1. The input signals also disable all outputs (except CKE and ODT) of the register(d) on the DIMM when both inputs are high. When S is HIGH, all register outputs (except CK, ODT and Chip select) remain in the previous state. 2) 2-rank module
TABLE 5
Abbreviations for Pin Type
Abbreviation I O I/O AI PWR GND NC Description Standard input-only pin. Digital levels. Output. Digital levels. I/O is a bidirectional input/output signal. Input. Analog levels. Power Ground Not Connected
TABLE 6
Abbreviations for Buffer Type
Abbreviation SSTL CMOS OD Description Serial Stub Terminated Logic (SSTL_18) CMOS Levels Open Drain. The corresponding pin has 2 operational states, active low and tristate, and allows multiple devices to share as a wire-OR.
Rev. 0.5, 2007-05 05212007-7F24-MITO
10
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
FIGURE 1
Pin Configuration for Two-Piece Mezzanine Socket on MDIMM (214 pins)
Rev. 0.5, 2007-05 05212007-7F24-MITO
11
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
3
3.1
Electrical Characteristics
Absolute Maximum Ratings
TABLE 7
Absolute Maximum Ratings
This chapter lists the electrical characteristics.
Caution is needed not to exceed absolute maximum ratings of the DRAM device listed in Table 7 at any time.
Symbol
Parameter
Rating Min. Max. +2.3 +2.3 +2.3 +2.3
Unit
Note
Storage Temperature -55 +100 1) When VDD and VDDQ and VDDL are less than 500 mV; VREF may be equal to or less than 300 mV.
2) Storage Temperature is the case surface temperature on the center/top side of the DRAM.
VDD VDDQ VDDL VIN, VOUT TSTG
Voltage on VDD pin relative to VSS Voltage on VDDQ pin relative to VSS Voltage on VDDL pin relative to VSS Voltage on any pin relative to VSS
-1.0 -0.5 -0.5 -0.5
V V V V C
1) 1)2) 1)2) 1) 1)2)
Attention: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TABLE 8
DRAM Component Operating Temperature Range
Symbol Parameter Rating Min. Max. 95 C
1)2)3)4)
Unit
Note
TCASE
Operating Temperature
0
1) Operating Temperature is the case surface temperature on the center / top side of the DRAM. 2) The operating temperature range are the temperatures where all DRAM specification will be supported. During operation, the DRAM case temperature must be maintained between 0 - 95 C under all other specification parameters. 3) Above 85 C the Auto-Refresh command interval has to be reduced to tREFI= 3.9 s 4) When operating this product in the 85 C to 95 C TCASE temperature range, the High Temperature Self Refresh has to be enabled by setting EMR(2) bit A7 to "1". When the High Temperature Self Refresh is enabled there is an increase of IDD6 by approximately 50%
3.2
DC Operating Conditions
This chapter contains the DC operating conditions tables.
Rev. 0.5, 2007-05 05212007-7F24-MITO
12
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
TABLE 9
Supply Voltage Levels and DC Operating Conditions
Parameter Symbol Values Min. Device Supply Voltage Output Supply Voltage Input Reference Voltage SPD Supply Voltage DC Input Logic High DC Input Logic Low Typ. 1.8 1.8 0.5 x VDDQ -- -- -- Max. 1.9 1.9 0.51 x VDDQ 3.6 V V V V V V
3) 1) 2)
Unit
Note
In / Output Leakage Current -5 -- 5 A 1) Under all conditions, VDDQ must be less than or equal to VDD 2) Peak to peak AC noise on VREF may not exceed 2% VREF (DC).VREF is also expected to track noise in VDDQ. 3) Input voltage for any connector pin under test of 0 V VIN VDDQ + 0.3 V; all other pins at 0 V. Current is per pin
VDD VDDQ VREF VDDSPD VIH(DC) VIL (DC) IL
1.7 1.7 0.49 x VDDQ 1.7
VREF + 0.125
- 0.30
VDDQ + 0.3 VREF - 0.125
TABLE 10
Operating Conditions
Parameter Symbol Values Min. Operating temperature (ambient) DRAM Case Temperature Storage Temperature Barometric Pressure (operating & storage) Operating Humidity (relative)
1) 2) 3) 4)
Unit Max. +65 +95 +100 +105 90 C C C kPa %
Note
TOPR TCASE TSTG
PBar
0 0 - 50 +69 10
1)2)3)4)
5)
HOPR
DRAM Component Case Temperature is the surface temperature in the center on the top side of any of the DRAMs. Within the DRAM Component Case Temperature Range all DRAM specifications will be supported Above 85 C DRAM Case Temperature the Auto-Refresh command interval has to be reduced to tREFI = 3.9 s When operating this product in the 85 C to 95 C TCASE temperature range, the High Temperature Self Refresh has to be enabled by setting EMR(2) bit A7 to "1". When the High Temperature Self Refresh is enabled there is an increase of IDD6 by approximately 50%. 5) Up to 3000 m.
Rev. 0.5, 2007-05 05212007-7F24-MITO
13
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
3.3
AC Characteristics
This chapter describes the AC characteristics.
3.3.1
Speed Grade Definitions
TABLE 11
Speed Grade Definition Speed Bins for DDR2-667D
This chapter contains the Speed Grade Definition tables.
Speed Grade QAG Sort Name CAS-RCD-RP latencies Parameter Clock Frequency @ CL = 3 @ CL = 4 @ CL = 5 Row Active Time Row Cycle Time RAS-CAS-Delay Row Precharge Time Symbol
DDR2-667D -3S 5-5-5 Min. 5 3.75 3 45 60 15 15 Max. 8 8 8 70000 -- -- --
Unit
Notes
tCK
-- ns ns ns ns ns ns ns
1)2)3)4) 1)2)3)4) 1)2)3)4) 1)2)3)4)5) 1)2)3)4) 1)2)3)4) 1)2)3)4)
tCK tCK tCK tRAS tRC tRCD tRP
1) Timings are guaranteed with CK/CK differential Slew Rate of 2.0 V/ns. For DQS signals timings are guaranteed with a differential Slew Rate of 2.0 V/ns in differential strobe mode and a Slew Rate of 1 V/ns in single ended mode.Timings are further guaranteed for normal OCD drive strength (EMRS(1) A1 = 0) 2) The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross. The DQS / DQS, RDQS / RDQS, input reference level is the crosspoint when in differential strobe mode 3) Inputs are not recognized as valid until VREF stabilizes. During the period before VREF stabilizes, CKE = 0.2 x VDDQ is recognized as low. 4) The output timing reference voltage level is VTT. 5) tRAS.MAX is calculated from the maximum amount of time a DDR2 device can operate without a refresh command which is equal to 9 x tREFI.
TABLE 12
Speed Grade Definition Speed Bins for DDR2-533C
Speed Grade QAG Sort Name CAS-RCD-RP latencies Parameter Clock Frequency @ CL = 3 @ CL = 4 @ CL = 5 Row Active Time Row Cycle Time Symbol DDR2-533C -3.7 4-4-4 Min. 5 3.75 3.75 45 60 Max. 8 8 8 70000 -- Unit Note
tCK
-- ns ns ns ns ns
1)2)3)4) 1)2)3)4) 1)2)3)4) 1)2)3)4)5) 1)2)3)4)
tCK tCK tCK tRAS tRC
Rev. 0.5, 2007-05 05212007-7F24-MITO
14
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Speed Grade QAG Sort Name CAS-RCD-RP latencies Parameter RAS-CAS-Delay Row Precharge Time Symbol
DDR2-533C -3.7 4-4-4 Min. 15 15 Max. -- --
Unit
Note
tCK
-- ns ns
1)2)3)4) 1)2)3)4)
tRCD tRP
1) Timings are guaranteed with CK/CK differential Slew Rate of 2.0 V/ns. For DQS signals timings are guaranteed with a differential Slew Rate of 2.0 V/ns in differential strobe mode and a Slew Rate of 1 V/ns in single ended mode.Timings are further guaranteed for normal OCD drive strength (EMRS(1) A1 = 0) 2) The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross. The DQS / DQS, RDQS / RDQS, input reference level is the crosspoint when in differential strobe mode. 3) Inputs are not recognized as valid until VREF stabilizes. During the period before VREF stabilizes, CKE = 0.2 x VDDQ is recognized as low. 4) The output timing reference voltage level is VTT. 5) tRAS.MAX is calculated from the maximum amount of time a DDR2 device can operate without a refresh command which is equal to 9 x tREFI.
TABLE 13
Speed Grade Definition Speed Bins for DDR2-400B
Speed Grade QAG Sort Name CAS-RCD-RP latencies Parameter Clock Frequency @ CL = 3 @ CL = 4 @ CL = 5 Row Active Time Row Cycle Time RAS-CAS-Delay Row Precharge Time Symbol DDR2-400B -5 3-3-3 Min. 5 5 5 40 55 15 15 Max. 8 8 8 70000 -- -- -- tCK -- ns ns ns ns ns ns ns
1)2)3)4) 1)2)3)4) 1)2)3)4) 1)2)3)4)5) 1)2)3)4) 1)2)3)4) 1)2)3)4)
Unit
Note
tCK tCK tCK tRAS tRC tRCD tRP
1) Timings are guaranteed with CK/CK differential Slew Rate of 2.0 V/ns. For DQS signals timings are guaranteed with a differential Slew Rate of 2.0 V/ns in differential strobe mode and a Slew Rate of 1 V/ns in single ended mode. Timings are further guaranteed for normal OCD drive strength (EMRS(1) A1 = 0) . 2) The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross. The DQS / DQS, RDQS / RDQS, input reference level is the crosspoint when in differential strobe mode 3) Inputs are not recognized as valid until VREF stabilizes. During the period before VREF stabilizes, CKE = 0.2 x VDDQ is recognized as low. 4) The output timing reference voltage level is VTT. 5) tRAS.MAX is calculated from the maximum amount of time a DDR2 device can operate without a refresh command which is equal to 9 x tREFI.
Rev. 0.5, 2007-05 05212007-7F24-MITO
15
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
3.3.2
AC Timing Parameters
TABLE 14
DRAM Component Timing Parameter by Speed Grade - DDR2-667
This chapter contains the AC Timing Parameters
Parameter
Symbol
DDR2-667 Min. Max. +450 -- 0.52 8000 -- 0.52 -- -- -- -- +400 -- -- 240 + 0.25 -- -- -- -- -- __
Unit
Notes1)2)3)4)5)6)
7)8)
DQ output access time from CK / CK CAS to CAS command delay Average clock high pulse width Average clock period CKE minimum pulse width ( high and low pulse width) Average clock low pulse width
tAC tCCD tCH.AVG tCK.AVG tCKE
-450 2 0.48 3000 3 0.48 WR + tnRP
ps nCK
9)
tCK.AVG
ps nCK
10)11)
12)
tCL.AVG Auto-Precharge write recovery + precharge time tDAL Minimum time clocks remain ON after CKE tDELAY
asynchronously drops LOW DQ and DM input hold time
tCK.AVG
nCK ns ps
10)11) 13)14)
tIS + tCK .AVG + tIH
175 0.35 -400 0.35 0.35 -- - 0.25 100 0.2 0.2 37.5 50 Min(tCH.ABS, tCL.ABS) -- 275 0.6 200 2 x tAC.MIN
tDH.BASE DQ and DM input pulse width for each input tDIPW DQS output access time from CK / CK tDQSCK DQS input high pulse width tDQSH DQS input low pulse width tDQSL DQS-DQ skew for DQS & associated DQ signals tDQSQ DQS latching rising transition to associated clock tDQSS
edges
19)20)15)
tCK.AVG
ps
9)
tCK.AVG tCK.AVG
ps
16) 17)
tCK.AVG
ps
tDS.BASE DQS falling edge hold time from CK tDSH DQS falling edge to CK setup time tDSS Four Activate Window for 1KB page size products tFAW Four Activate Window for 2KB page size products tFAW CK half pulse width tHP
DQ and DM input setup time
18)19)20) 17) 17) 31) 31) 21)
tCK.AVG tCK.AVG
ns ns ps ps ps
tHZ Address and control input hold time tIH.BASE Control & address input pulse width for each input tIPW Address and control input setup time tIS.BASE DQ low impedance time from CK/CK tLZ.DQ DQS/DQS low-impedance time from CK / CK tLZ.DQS MRS command to ODT update delay tMOD Mode register set command cycle time tMRD tOIT OCD drive mode output delay DQ/DQS output hold time from DQS tQH
Data-out high-impedance time from CK / CK
tAC.MAX
-- -- --
9)22) 25)23)
tCK.AVG
ps ps ps ns nCK ns ps
31) 26) 24)25) 9)22) 9)22) 31)
tAC.MIN
0 2 0
tAC.MAX tAC.MAX
12 -- 12 --
tHP - tQHS
Rev. 0.5, 2007-05 05212007-7F24-MITO
16
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Parameter
Symbol
DDR2-667 Min. Max. 340 1.1 0.6 -- -- -- -- 0.6 -- -- -- -- -- -- --
Unit
Notes1)2)3)4)5)6)
7)8)
DQ hold skew factor Read preamble Read postamble Active to active command period for 1KB page size products Active to active command period for 2KB page size products Internal Read to Precharge command delay Write preamble Write postamble Write recovery time Internal write to read command delay Exit power down to read command Exit active power-down mode to read command (slow exit, lower power) Exit precharge power-down to any valid command (other than NOP or Deselect) Exit self-refresh to a non-read command Exit self-refresh to read command Write command to DQS associated clock edges
tQHS tRPRE tRPST tRRD tRRD tRTP tWPRE tWPST tWR tWTR tXARD tXARDS tXP tXSNR tXSRD
WL
-- 0.9 0.4 7.5 10 7.5 0.35 0.4 15 7.5 2 7 - AL 2
ps
27) 28)29) 28)30) 31)
tCK.AVG tCK.AVG
ns ns ns
31)
31)
tCK.AVG tCK.AVG
ns ns nCK nCK nCK ns nCK nCK
31) 31) 31)32)
tRFC +10
200 RL-1
1) For details and notes see the relevant Qimonda component data sheet 2) VDDQ = 1.8 V 0.1V; VDD = 1.8 V 0.1 V. 3) Timing that is not specified is illegal and after such an event, in order to guarantee proper operation, the DRAM must be powered down and then restarted through the specified initialization sequence before normal operation can continue. 4) Timings are guaranteed with CK/CK differential Slew Rate of 2.0 V/ns. For DQS signals timings are guaranteed with a differential Slew Rate of 2.0 V/ns in differential strobe mode and a Slew Rate of 1 V/ns in single ended mode. 5) The CK / CK input reference level (for timing reference to CK / CK) is the point at which CK and CK cross. The DQS / DQS, RDQS / RDQS, input reference level is the crosspoint when in differential strobe mode. 6) Inputs are not recognized as valid until VREF stabilizes. During the period before VREF stabilizes, CKE = 0.2 x VDDQ is recognized as low. 7) The output timing reference voltage level is VTT. 8) New units, `tCK.AVG` and `nCK`, are introduced in DDR2-667 and DDR2-800. Unit `tCK.AVG` represents the actual tCK.AVG of the input clock under operation. Unit `nCK` represents one clock cycle of the input clock, counting the actual clock edges. Note that in DDR2-400 and DDR2-533, `tCK` is used for both concepts. Example: tXP = 2 [nCK] means; if Power Down exit is registered at Tm, an Active command may be registered at Tm + 2, even if (Tm + 2 - Tm) is 2 x tCK.AVG + tERR.2PER(Min). 9) When the device is operated with input clock jitter, this parameter needs to be derated by the actual tERR(6-10per) of the input clock. (output deratings are relative to the SDRAM input clock.) For example, if the measured jitter into a DDR2-667 SDRAM has tERR(6-10PER).MIN = - 272 ps and tERR(6- 10PER).MAX = + 293 ps, then tDQSCK.MIN(DERATED) = tDQSCK.MIN - tERR(6-10PER).MAX = - 400 ps - 293 ps = - 693 ps and tDQSCK.MAX(DERATED) = tDQSCK.MAX - tERR(6-10PER).MIN = 400 ps + 272 ps = + 672 ps. Similarly, tLZ.DQ for DDR2-667 derates to tLZ.DQ.MIN(DERATED) = - 900 ps - 293 ps = - 1193 ps and tLZ.DQ.MAX(DERATED) = 450 ps + 272 ps = + 722 ps. (Caution on the MIN/MAX usage!) 10) Input clock jitter spec parameter. These parameters are referred to as 'input clock jitter spec parameters' and these parameters apply to DDR2-667 and DDR2-800 only. The jitter specified is a random jitter meeting a Gaussian distribution. 11) These parameters are specified per their average values, however it is understood that the relationship between the average timing and the absolute instantaneous timing holds all the times (min. and max of SPEC values are to be used for calculations ). 12) tCKE.MIN of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE must remain at the valid input level the entire time it takes to achieve the 3 clocks of registration. Thus, after any CKE transition, CKE may not transition from its valid level during the time period of tIS + 2 x tCK + tIH.
Rev. 0.5, 2007-05 05212007-7F24-MITO
17
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
13) DAL = WR + RU{tRP(ns) / tCK(ns)}, where RU stands for round up. WR refers to the tWR parameter stored in the MRS. For tRP, if the result of the division is not already an integer, round up to the next highest integer. tCK refers to the application clock period. Example: For DDR2-533 at tCK = 3.75 ns with tWR programmed to 4 clocks. tDAL = 4 + (15 ns / 3.75 ns) clocks = 4 + (4) clocks = 8 clocks. 14) tDAL.nCK = WR [nCK] + tnRP.nCK = WR + RU{tRP [ps] / tCK.AVG[ps] }, where WR is the value programmed in the EMR. 15) Input waveform timing tDH with differential data strobe enabled MR[bit10] = 0, is referenced from the differential data strobe crosspoint to the input signal crossing at the VIH.DC level for a falling signal and from the differential data strobe crosspoint to the input signal crossing at the VIL.DC level for a rising signal applied to the device under test. DQS, DQS signals must be monotonic between VIL.DC.MAX and VIH.DC.MIN. See Figure 3. 16) tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers as well as output slew rate mismatch between DQS / DQS and associated DQ in any given cycle. 17) These parameters are measured from a data strobe signal ((L/U/R)DQS / DQS) crossing to its respective clock signal (CK / CK) crossing. The spec values are not affected by the amount of clock jitter applied (i.e. tJIT.PER, tJIT.CC, etc.), as these are relative to the clock signal crossing. That is, these parameters should be met whether clock jitter is present or not. 18) Input waveform timing tDS with differential data strobe enabled MR[bit10] = 0, is referenced from the input signal crossing at the VIH.AC level to the differential data strobe crosspoint for a rising signal, and from the input signal crossing at the VIL.AC level to the differential data strobe crosspoint for a falling signal applied to the device under test. DQS, DQS signals must be monotonic between Vil(DC)MAX and Vih(DC)MIN. See Figure 3. 19) If tDS or tDH is violated, data corruption may occur and the data must be re-written with valid data before a valid READ can be executed. 20) These parameters are measured from a data signal ((L/U)DM, (L/U)DQ0, (L/U)DQ1, etc.) transition edge to its respective data strobe signal ((L/U/R)DQS / DQS) crossing. 21) tHP is the minimum of the absolute half period of the actual input clock. tHP is an input parameter but not an input specification parameter. It is used in conjunction with tQHS to derive the DRAM output timing tQH. The value to be used for tQH calculation is determined by the following equation; tHP = MIN (tCH.ABS, tCL.ABS), where, tCH.ABS is the minimum of the actual instantaneous clock high time; tCL.ABS is the minimum of the actual instantaneous clock low time. 22) tHZ and tLZ transitions occur in the same access time as valid data transitions. These parameters are referenced to a specific voltage level which specifies when the device output is no longer driving (tHZ), or begins driving (tLZ) . 23) Input waveform timing is referenced from the input signal crossing at the VIL.DC level for a rising signal and VIH.DC for a falling signal applied to the device under test. See Figure 4. 24) Input waveform timing is referenced from the input signal crossing at the VIH.AC level for a rising signal and VIL.AC for a falling signal applied to the device under test. See Figure 4. 25) These parameters are measured from a command/address signal (CKE, CS, RAS, CAS, WE, ODT, BA0, A0, A1, etc.) transition edge to its respective clock signal (CK / CK) crossing. The spec values are not affected by the amount of clock jitter applied (i.e. tJIT.PER, tJIT.CC, etc.), as the setup and hold are relative to the clock signal crossing that latches the command/address. That is, these parameters should be met whether clock jitter is present or not. 26) tQH = tHP - tQHS, where: tHP is the minimum of the absolute half period of the actual input clock; and tQHS is the specification value under the max column. {The less half-pulse width distortion present, the larger the tQH value is; and the larger the valid data eye will be.} Examples: 1) If the system provides tHP of 1315 ps into a DDR2-667 SDRAM, the DRAM provides tQH of 975 ps minimum. 2) If the system provides tHP of 1420 ps into a DDR2-667 SDRAM, the DRAM provides tQH of 1080 ps minimum. 27) tQHS accounts for: 1) The pulse duration distortion of on-chip clock circuits, which represents how well the actual tHP at the input is transferred to the output; and 2) The worst case push-out of DQS on one transition followed by the worst case pull-in of DQ on the next transition, both of which are independent of each other, due to data pin skew, output pattern effects, and pchannel to n-channel variation of the output drivers. 28) tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when the device output is no longer driving (tRPST), or begins driving (tRPRE). Figure 2 shows a method to calculate these points when the device is no longer driving (tRPST), or begins driving (tRPRE) by measuring the signal at two different voltages. The actual voltage measurement points are not critical as long as the calculation is consistent. 29) When the device is operated with input clock jitter, this parameter needs to be derated by the actual tJIT.PER of the input clock. (output deratings are relative to the SDRAM input clock.) For example, if the measured jitter into a DDR2-667 SDRAM has tJIT.PER.MIN = - 72 ps and tJIT.PER.MAX = + 93 ps, then tRPRE.MIN(DERATED) = tRPRE.MIN + tJIT.PER.MIN = 0.9 x tCK.AVG - 72 ps = + 2178 ps and tRPRE.MAX(DERATED) = tRPRE.MAX + tJIT.PER.MAX = 1.1 x tCK.AVG + 93 ps = + 2843 ps. (Caution on the MIN/MAX usage!). 30) When the device is operated with input clock jitter, this parameter needs to be derated by the actual tJIT.DUTY of the input clock. (output deratings are relative to the SDRAM input clock.) For example, if the measured jitter into a DDR2-667 SDRAM has tJIT.DUTY.MIN = - 72 ps and tJIT.DUTY.MAX = + 93 ps, then tRPST.MIN(DERATED) = tRPST.MIN + tJIT.DUTY.MIN = 0.4 x tCK.AVG - 72 ps = + 928 ps and tRPST.MAX(DERATED) = tRPST.MAX + tJIT.DUTY.MAX = 0.6 x tCK.AVG + 93 ps = + 1592 ps. (Caution on the MIN/MAX usage!). 31) For these parameters, the DDR2 SDRAM device is characterized and verified to support tnPARAM = RU{tPARAM / tCK.AVG}, which is in clock cycles, assuming all input clock jitter specifications are satisfied. For example, the device will support tnRP = RU{tRP / tCK.AVG}, which is in clock cycles, if all input clock jitter specifications are met. This means: For DDR2-667 5-5-5, of which tRP = 15 ns, the device will support tnRP = RU{tRP / tCK.AVG} = 5, i.e. as long as the input clock jitter specifications are met, Precharge command at Tm and Active command at Tm + 5 is valid even if (Tm + 5 - Tm) is less than 15 ns due to input clock jitter.
Rev. 0.5, 2007-05 05212007-7F24-MITO
18
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
32) tWTR is at lease two clocks (2 x tCK) independent of operation frequency.
FIGURE 2
Method for calculating transitions and endpoint
FIGURE 3
Differential input waveform timing - tDS and tDS
FIGURE 4
Differential input waveform timing - tlS and tlH
Rev. 0.5, 2007-05 05212007-7F24-MITO
19
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
TABLE 15
DRAM Component Timing Parameter by Speed Grade - DDR2-533
Parameter Symbol DDR2-533 Min. DQ output access time from CK / CK CAS A to CAS B command period CK, CK high-level width CKE minimum high and low pulse width CK, CK low-level width Auto-Precharge write recovery + precharge time Minimum time clocks remain ON after CKE asynchronously drops LOW DQ and DM input hold time (differential data strobe) Max. +500 -- 0.55 -- 0.55 -- -- -- -- -- +450 -- 300 + 0.25 -- -- -- -- -- -- ps Unit Notes1)2)3)4)5)
6)7)
tAC tCCD tCH tCKE tCL tDAL tDELAY tDH(base)
-500 2 0.45 3 0.45 WR + tRP
tCK tCK tCK tCK tCK
ns ps ps
8)18)
tIS + tCK + tIH
225 -25 0.35 -450 0.35 -- - 0.25 100 -25 0.2 0.2 37.5 50 MIN. (tCL, tCH) -- 375 0.6 250 2 x tAC.MIN
9)
10)
DQ and DM input hold time (single ended data tDH1(base) strobe) DQ and DM input pulse width (each input) DQS output access time from CK / CK DQS input low (high) pulse width (write cycle) DQS-DQ skew (for DQS & associated DQ signals) Write command to 1st DQS latching transition DQ and DM input setup time (differential data strobe)
11)
tDIPW tDQSCK tDQSL,H tDQSQ tDQSS tDS(base)
tCK
ps
tCK
ps
11)
tCK
ps ps
11)
DQ and DM input setup time (single ended data tDS1(base) strobe) DQS falling edge hold time from CK (write cycle) Four Activate Window period Four Activate Window period Clock half period Data-out high-impedance time from CK / CK Address and control input hold time Address and control input pulse width (each input) Address and control input setup time DQ low-impedance time from CK / CK DQS low-impedance from CK / CK Mode register set command cycle time OCD drive mode output delay Data output hold time from DQS
11)
tDSH
tCK tCK
ns ns ps ps
13) 12)
DQS falling edge to CK setup time (write cycle) tDSS
tFAW tFAW tHP tHZ tIH(base) tIPW tIS(base) tLZ(DQ) tLZ(DQS) tMRD tOIT tQH
tAC.MAX
-- -- --
13) 11)
tCK
ps ps ps
11) 14) 14)
tAC.MIN
2 0
tAC.MAX tAC.MAX
-- 12 --
tCK
ns
tHP -tQHS
Rev. 0.5, 2007-05 05212007-7F24-MITO
20
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Parameter
Symbol
DDR2-533 Min. Max. 400 7.8 3.9 -- -- -- 1.1 0.60 -- -- -- -- 0.60 -- -- -- -- -- -- --
Unit
Notes1)2)3)4)5)
6)7)
Data hold skew factor Average periodic refresh Interval Average periodic refresh Interval Auto-Refresh to Active/Auto-Refresh command period Precharge-All (4 banks) command period Precharge-All (8 banks) command period Read preamble Read postamble Active bank A to Active bank B command period Active bank A to Active bank B command period Internal Read to Precharge command delay Write preamble Write postamble Write recovery time for write without AutoPrecharge Internal Write to Read command delay Exit power down to any valid command (other than NOP or Deselect) Exit active power-down mode to Read command (slow exit, lower power) Exit precharge power-down to any valid command (other than NOP or Deselect) Exit Self-Refresh to non-Read command Exit Self-Refresh to Read command Write recovery time for write with AutoPrecharge
tQHS tREFI tREFI tRFC tRP tRP tRPRE tRPST tRRD tRRD tRTP tWPRE tWPST tWR tWTR tXARD tXARDS tXP tXSNR tXSRD
WR
-- -- -- 127.5
ps s s ns ns ns
14)15) 16)18) 17)
tRP + 1tCK
15 + 1tCK 0.9 0.40 7.5 10 7.5 0.25 0.40 15 7.5 2 6 - AL 2
tCK tCK
ns ns ns
14) 14) 14)18)
16)22)
tCK tCK
ns ns
19)
20) 21)
tCK tCK tCK
ns
21)
tRFC +10
200
tWR/tCK
tCK tCK
22)
1) For details and notes see the relevant Qimonda component data sheet 2) VDDQ = 1.8 V 0.1 V; VDD = 1.8 V 0.1 V. 3) Timing that is not specified is illegal and after such an event, in order to guarantee proper operation, the DRAM must be powered down and then restarted through the specified initialization sequence before normal operation can continue. 4) Timings are guaranteed with CK/CK differential Slew Rate of 2.0 V/ns. For DQS signals timings are guaranteed with a differential Slew Rate of 2.0 V/ns in differential strobe mode and a Slew Rate of 1 V/ns in single ended mode. 5) The CK / CK input reference level (for timing reference to CK / CK) is the point at which CK and CK cross. The DQS / DQS, RDQS / RDQS, input reference level is the crosspoint when in differential strobe mode. 6) Inputs are not recognized as valid until VREF stabilizes. During the period before VREF stabilizes, CKE = 0.2 x VDDQ is recognized as low. 7) The output timing reference voltage level is VTT. 8) For each of the terms, if not already an integer, round to the next highest integer. tCK refers to the application clock period. WR refers to the WR parameter stored in the MR. 9) The clock frequency is allowed to change during self-refresh mode or precharge power-down mode. 10) For timing definition, refer to the Component data sheet. 11) Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers as well as output Slew Rate mis-match between DQS / DQS and associated DQ in any given cycle.
Rev. 0.5, 2007-05 05212007-7F24-MITO
21
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
12) MIN (tCL, tCH) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device (i.e. this value can be greater than the minimum specification limits for tCL and tCH). 13) The tHZ, tRPST and tLZ, tRPRE parameters are referenced to a specific voltage level, which specify when the device output is no longer driving (tHZ, tRPST), or begins driving (tLZ, tRPRE). tHZ and tLZ transitions occur in the same access time windows as valid data transitions.These parameters are verified by design and characterization, but not subject to production test. 14) The Auto-Refresh command interval has be reduced to 3.9 s when operating the DDR2 DRAM in a temperature range between 85 C and 95 C. 15) 0 C TCASE 85 C 16) 85 C < TCASE 95 C 17) A maximum of eight Auto-Refresh commands can be posted to any given DDR2 SDRAM device. 18) The tRRD timing parameter depends on the page size of the DRAM organization. See Table 2 "Ordering Information" on Page 4. 19) The maximum limit for the tWPST parameter is not a device limit. The device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. 20) Minimum tWTR is two clocks when operating the DDR2-SDRAM at frequencies 200 z. 21) User can choose two different active power-down modes for additional power saving via MRS address bit A12. In "standard active powerdown mode" (MR, A12 = "0") a fast power-down exit timing tXARD can be used. In "low active power-down mode" (MR, A12 ="1") a slow power-down exit timing tXARDS has to be satisfied. 22) WR must be programmed to fulfill the minimum requirement for the tWR timing parameter, where WRMIN[cycles] = tWR(ns)/tCK(ns) rounded up to the next integer value. tDAL = WR + (tRP/tCK). For each of the terms, if not already an integer, round to the next highest integer. tCK refers to the application clock period. WR refers to the WR parameter stored in the MRS.
TABLE 16
DRAM Component Timing Parameter by Speed Grade - DDR2-400
Parameter Symbol DDR2-400 Min. DQ output access time from CK / CK CAS A to CAS B command period CK, CK high-level width CKE minimum high and low pulse width CK, CK low-level width Auto-Precharge write recovery + precharge time Minimum time clocks remain ON after CKE asynchronously drops LOW DQ and DM input hold time (differential data strobe) Max. +600 -- 0.55 -- 0.55 -- -- -- -- -- +500 -- 350 + 0.25 -- ps Unit Notes1)2)3)4)5)
6)7)
tAC tCCD tCH tCKE tCL tDAL tDELAY tDH(base)
-600 2 0.45 3 0.45 WR + tRP
tCK tCK tCK tCK tCK
ns ps ps
8)21)
tIS + tCK + tIH
275 -25 0.35 -500 0.35 -- - 0.25 150
9)
10)
DQ and DM input hold time (single ended data tDH1(base) strobe) DQ and DM input pulse width (each input) DQS output access time from CK / CK DQS input low (high) pulse width (write cycle) DQS-DQ skew (for DQS & associated DQ signals) DQ and DM input setup time (differential data strobe)
11)
tDIPW tDQSCK tDQSL,H tDQSQ
tCK
ps
tCK
ps
11)
Write command to 1st DQS latching transition tDQSS
tCK
ps
11)
tDS(base)
Rev. 0.5, 2007-05 05212007-7F24-MITO
22
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Parameter
Symbol
DDR2-400 Min. Max. -- -- -- -- --
Unit
Notes1)2)3)4)5)
6)7)
DQ and DM input setup time (single ended data strobe) DQS falling edge hold time from CK (write cycle) Four Activate Window period Four Activate Window period Clock half period Data-out high-impedance time from CK / CK Address and control input hold time Address and control input pulse width (each input) Address and control input setup time DQ low-impedance time from CK / CK DQS low-impedance from CK / CK Mode register set command cycle time OCD drive mode output delay Data output hold time from DQS Data hold skew factor Average periodic refresh Interval Average periodic refresh Interval Auto-Refresh to Active/Auto-Refresh command period Precharge-All (4 banks) command period Precharge-All (8 banks) command period Read preamble Read postamble Active bank A to Active bank B command period Active bank A to Active bank B command period Internal Read to Precharge command delay Write preamble Write postamble Write recovery time for write without AutoPrecharge Internal Write to Read command delay Exit power down to any valid command (other than NOP or Deselect) Exit active power-down mode to Read command (slow exit, lower power)
tDS1(base) tDSH
-25 0.2 0.2 37.5 50 MIN. (tCL, tCH) -- 475 0.6 350 2 x tAC.MIN
ps
11)
tCK tCK
ns ns ps ps
13) 12)
DQS falling edge to CK setup time (write cycle) tDSS
tFAW tFAW tHP tHZ tIH(base) tIPW tIS(base) tLZ(DQ) tLZ(DQS) tMRD tOIT tQH tQHS tREFI tREFI
tAC.MAX
-- -- --
13) 11)
tCK
ps ps ps
11) 14) 14)
tAC.MIN
2 0
tAC.MAX tAC.MAX
-- 12 -- 450 7.8 3.9 -- -- -- 1.1 0.60 -- -- -- -- 0.60 -- -- -- --
tCK
ns ps s s ns ns ns
14)15) 16)18) 17)
tHP -tQHS
-- -- -- 127.5
tRP tRP tRPRE tRPST tRRD tRRD tRTP tWPRE tWPST tWR tWTR tXARD tXARDS
tRP + 1tCK
15 + 1tCK 0.9 0.40 7.5 10 7.5 0.25 0.40 15 10 2 6 - AL
tCK tCK
ns ns ns
14) 14) 14)18)
16)22)
tCK tCK
ns ns
19)
20) 21)
tCK tCK
21)
Rev. 0.5, 2007-05 05212007-7F24-MITO
23
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Parameter
Symbol
DDR2-400 Min. Max. -- -- --
Unit
Notes1)2)3)4)5)
6)7)
Exit precharge power-down to any valid command (other than NOP or Deselect) Exit Self-Refresh to non-Read command Exit Self-Refresh to Read command Write recovery time for write with AutoPrecharge
tXP tXSNR tXSRD
WR
2
tCK
ns
tRFC +10
200
tWR/tCK
tCK tCK
22)
1) For details and notes see the relevant Qimonda component data sheet 2) VDDQ = 1.8 V 0.1 V; VDD = 1.8 V 0.1 V. 3) Timing that is not specified is illegal and after such an event, in order to guarantee proper operation, the DRAM must be powered down and then restarted through the specified initialization sequence before normal operation can continue. 4) Timings are guaranteed with CK/CK differential Slew Rate of 2.0 V/ns. For DQS signals timings are guaranteed with a differential Slew Rate of 2.0 V/ns in differential strobe mode and a Slew Rate of 1 V/ns in single ended mode. 5) The CK / CK input reference level (for timing reference to CK / CK) is the point at which CK and CK cross. The DQS / DQS, RDQS / RDQS, input reference level is the crosspoint when in differential strobe mode. 6) Inputs are not recognized as valid until VREF stabilizes. During the period before VREF stabilizes, CKE = 0.2 x VDDQ is recognized as low. 7) The output timing reference voltage level is VTT. 8) For each of the terms, if not already an integer, round to the next highest integer. tCK refers to the application clock period. WR refers to the WR parameter stored in the MR. 9) The clock frequency is allowed to change during self-refresh mode or precharge power-down mode. 10) For timing definition, refer to the Component data sheet. 11) Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers as well as output Slew Rate mis-match between DQS / DQS and associated DQ in any given cycle. 12) MIN (tCL, tCH) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device (i.e. this value can be greater than the minimum specification limits for tCL and tCH). 13) The tHZ, tRPST and tLZ, tRPRE parameters are referenced to a specific voltage level, which specify when the device output is no longer driving (tHZ, tRPST), or begins driving (tLZ, tRPRE). tHZ and tLZ transitions occur in the same access time windows as valid data transitions.These parameters are verified by design and characterization, but not subject to production test. 14) The Auto-Refresh command interval has be reduced to 3.9 s when operating the DDR2 DRAM in a temperature range between 85 C and 95 C. 15) 0 C TCASE 85 C 16) 85 C < TCASE 95 C 17) A maximum of eight Auto-Refresh commands can be posted to any given DDR2 SDRAM device. 18) The tRRD timing parameter depends on the page size of the DRAM organization. See Table 2 "Ordering Information" on Page 4. 19) The maximum limit for the tWPST parameter is not a device limit. The device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. 20) Minimum tWTR is two clocks when operating the DDR2-SDRAM at frequencies 200 z. 21) User can choose two different active power-down modes for additional power saving via MRS address bit A12. In "standard active powerdown mode" (MR, A12 = "0") a fast power-down exit timing tXARD can be used. In "low active power-down mode" (MR, A12 ="1") a slow power-down exit timing tXARDS has to be satisfied. 22) WR must be programmed to fulfill the minimum requirement for the tWR timing parameter, where WRMIN[cycles] = tWR(ns)/tCK(ns) rounded up to the next integer value. tDAL = WR + (tRP/tCK). For each of the terms, if not already an integer, round to the next highest integer. tCK refers to the application clock period. WR refers to the WR parameter stored in the MRS.
Rev. 0.5, 2007-05 05212007-7F24-MITO
24
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
3.3.3
ODT AC Electrical Characteristics
TABLE 17
ODT AC Characteristics and Operating Conditions for DDR2-667& DDR2-800
This chapter describes the ODT AC electrical characteristics.
Symbol
Parameter / Condition
Values Min. Max. 2
Unit
Note
tAOND tAON tAONPD tAOFD tAOF tAOFPD tANPD tAXPD
ODT turn-on delay ODT turn-on ODT turn-on (Power-Down Modes) ODT turn-off delay ODT turn-off ODT turn-off (Power-Down Modes) ODT to Power Down Mode Entry Latency ODT Power Down Exit Latency
2
nCK
ns ns
1) 1)2) 1) 1) 1)3) 1) 1) 1)
tAC.MIN tAC.MIN + 2 ns
2.5
tAC.MAX + 0.7 ns 2 tCK + tAC.MAX + 1 ns
2.5
nCK
ns ns
tAC.MIN tAC.MIN + 2 ns
3 8
tAC.MAX + 0.6 ns 2.5 tCK + tAC.MAX + 1 ns
-- --
nCK nCK
1) New units, "tCK.AVG" and "nCK", are introduced in DDR2-667 and DDR2-800. Unit "tCK.AVG" represents the actual tCK.AVG of the input clock under operation. Unit "nCK" represents one clock cycle of the input clock, counting the actual clock edges. Note that in DDR2-400 and DDR2-533, "tCK" is used for both concepts. Example: tXP = 2 [nCK] means; if Power Down exit is registered at Tm, an Active command may be registered at Tm + 2, even if (Tm + 2 - Tm) is 2 x tCK.AVG + tERR.2PER(Min). 2) ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on. ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND, which is interpreted differently per speed bin. For DDR2-667/800, tAOND is 2 clock cycles after the clock edge that registered a first ODT HIGH counting the actual input clock edges. 3) ODT turn off time min is when the device starts to turn off ODT resistance. ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD, which is interpreted differently per speed bin. For DDR2-667/800, if tCK(avg) = 3 ns is assumed, tAOFD is 1.5 ns (= 0.5 x 3 ns) after the second trailing clock edge counting from the clock edge that registered a first ODT LOW and by counting the actual input clock edges.
Rev. 0.5, 2007-05 05212007-7F24-MITO
25
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
TABLE 18
ODT AC Characteristics and Operating Conditions for DDR2-533 & DDR2-400
Symbol Parameter / Condition Values Min. Max. 2 Unit Note
tAOND tAON tAONPD tAOFD tAOF tAOFPD tANPD tAXPD
ODT turn-on delay ODT turn-on ODT turn-on (Power-Down Modes) ODT turn-off delay ODT turn-off ODT turn-off (Power-Down Modes) ODT to Power Down Mode Entry Latency ODT Power Down Exit Latency
2
tCK
ns ns
1)
tAC.MIN tAC.MIN + 2 ns
2.5
tAC.MAX + 1 ns 2 tCK + tAC.MAX + 1 ns
2.5
tCK
ns ns
2)
tAC.MIN tAC.MIN + 2 ns
3 8
tAC.MAX + 0.6 ns 2.5 tCK + tAC.MAX + 1 ns
-- --
tCK tCK
1) ODT turn on time min. is when the device leaves high impedance and ODT resistance begins to turn on. ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND, which is interpreted differently per speed bin. For DDR2-400/533, tAOND is 10 ns (= 2 x 5 ns) after the clock edge that registered a first ODT HIGH if tCK = 5 ns. 2) ODT turn off time min. is when the device starts to turn off ODT resistance. ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD. Both are measured from tAOFD, which is interpreted differently per speed bin. For DDR2-400/533, tAOFD is 12.5 ns (= 2.5 x 5 ns) after the clock edge that registered a first ODT HIGH if tCK = 5 ns.
Rev. 0.5, 2007-05 05212007-7F24-MITO
26
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
3.4
IDD Specifications and Conditions
TABLE 19
IDD Measurement Conditions
This chapter describes the IDD Specifications and Conditions.
Parameter
Symbol Note
1)2)3)4)5)
Operating Current 0 IDD0 One bank Active - Precharge; tCK = tCK.MIN, tRC = tRC.MIN, tRAS = tRAS.MIN, CKE is HIGH, CS is HIGH between valid commands. Address and control inputs are SWITCHING, Databus inputs are SWITCHING. Operating Current 1 One bank Active - Read - Precharge; IOUT = 0 mA, BL = 4, tCK = tCK.MIN, tRC = tRC.MIN, tRAS = tRAS.MIN, tRCD = tRCD.MIN, AL = 0, CL = CLMIN; CKE is HIGH, CS is HIGH between valid commands. Address and control inputs are SWITCHING, Databus inputs are SWITCHING.
IDD1
6)
Precharge Standby Current IDD2N All banks idle; CS is HIGH; CKE is HIGH; tCK = tCK.MIN; Other control and address inputs are SWITCHING, Databus inputs are SWITCHING. Precharge Power-Down Current Other control and address inputs are STABLE, Data bus inputs are FLOATING. Precharge Quiet Standby Current All banks idle; CS is HIGH; CKE is HIGH; tCK = tCK.MIN; Other control and address inputs are STABLE, Data bus inputs are FLOATING. Active Standby Current Burst Read: All banks open; Continuous burst reads; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN; tRAS = tRAS.MAX, tRP = tRP.MIN; CKE is HIGH, CS is HIGH between valid commands. Address inputs are SWITCHING; Data Bus inputs are SWITCHING; IOUT = 0 mA.
IDD2P IDD2Q
IDD3N
Active Power-Down Current IDD3P(0) All banks open; tCK = tCK.MIN, CKE is LOW; Other control and address inputs are STABLE, Data bus inputs are FLOATING. MRS A12 bit is set to LOW (Fast Power-down Exit); Active Power-Down Current IDD3P(1) All banks open; tCK = tCK.MIN, CKE is LOW; Other control and address inputs are STABLE, Data bus inputs are FLOATING. MRS A12 bit is set to HIGH (Slow Power-down Exit); Operating Current - Burst Read IDD4R All banks open; Continuous burst reads; BL = 4; AL = 0, CL = CLMIN; tCK = tCKMIN; tRAS = tRASMAX; tRP = tRPMIN; CKE is HIGH, CS is HIGH between valid commands; Address inputs are SWITCHING; Data bus inputs are SWITCHING; IOUT = 0mA. Operating Current - Burst Write All banks open; Continuous burst writes; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN; tRAS = tRAS.MAX., tRP = tRP.MAX; CKE is HIGH, CS is HIGH between valid commands. Address inputs are SWITCHING; Data Bus inputs are SWITCHING; Burst Refresh Current tCK = tCK.MIN., Refresh command every tRFC = tRFC.MIN interval, CKE is HIGH, CS is HIGH between valid commands, Other control and address inputs are SWITCHING, Data bus inputs are SWITCHING. Distributed Refresh Current tCK = tCK.MIN., Refresh command every tRFC = tREFI interval, CKE is LOW and CS is HIGH between valid commands, Other control and address inputs are SWITCHING, Data bus inputs are SWITCHING.
6)
IDD4W
IDD5B
IDD5D
Rev. 0.5, 2007-05 05212007-7F24-MITO
27
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Parameter
Symbol Note
1)2)3)4)5)
Self-Refresh Current IDD6 CKE 0.2 V; external clock off, CK and CK at 0 V; Other control and address inputs are FLOATING, Data bus inputs are FLOATING. IDD6 current values are guaranteed up to TCASE of 85 C max. All Bank Interleave Read Current IDD7 All banks are being interleaved at minimum tRC without violating tRRD using a burst length of 4. Control and address bus inputs are STABLE during DESELECTS. Iout = 0 mA. 1) VDDQ = 1.8 V 0.1 V; VDD = 1.8 V 0.1 V 2) IDD specifications are tested after the device is properly initialized and IDD parameter are specified with ODT disabled. 3) Definitions for IDD see Table 20 4) For two rank modules: for all active current measurements the other rank is in Precharge Power-Down Mode IDD2P
6)
5) For details and notes see the relevant Qimonda component data sheet 6) IDD1, IDD4R and IDD7 current measurements are defined with the outputs disabled (IOUT = 0 mA). To achieve this on module level the output buffers can be disabled using an EMRS(1) (Extended Mode Register Command) by setting A12 bit to HIGH.
TABLE 20
Definitions for IDD
Parameter LOW STABLE FLOATING SWITCHING Description
VIN VIL(ac).MAX, HIGH is defined as VIN VIH(ac).MIN
Inputs are stable at a HIGH or LOW level Inputs are VREF = VDDQ /2 Inputs are changing between HIGH and LOW every other clock (once per 2 cycles) for address and control signals, and inputs changing between HIGH and LOW every other data transfer (once per cycle) for DQ signals not including mask or strobes
Rev. 0.5, 2007-05 05212007-7F24-MITO
28
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
TABLE 21
IDD Specification for HYS64T128020EML-[3S/3.7/5]-B
Product Type Organization HYS64T128020EML-3S-B 1GB 2 Ranks x64 -3S Symbol HYS64T128020EML-3.7-B 1GB 2 Ranks x64 -3.7 HYS64T128020EML-5-B 1 GB 2 Ranks x64 -5 Max. 588 628 96 520 480 360 120 560 868 868 888 104 32 1248 548 568 96 440 400 304 120 480 748 748 848 104 32 1168 528 548 96 400 360 280 120 440 648 648 808 104 32 1108 mA mA mA mA mA mA mA mA mA mA mA mA mA mA
2) 2) 3) 3) 3) 3) 3) 3) 2) 2) 2) 3) 3) 2)
Unit
Note1)
IDD0 IDD1 IDD2P IDD2N IDD2Q IDD3P( MRS = 0) IDD3P( MRS = 1) IDD3N IDD4R IDD4W IDD5B IDD5D IDD6 IDD7
1) Calculated values from component data. ODT disabled. IDD1, IDD4R, and IDD7, are defined with the outputs disabled. 2) The other rank is in IDD2P Precharge Power-Down Standby Current mode 3) Both ranks are in the same IDDcurrent mode
Rev. 0.5, 2007-05 05212007-7F24-MITO
29
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
4
SPD Codes
This chapter lists all hexadecimal byte values stored in the EEPROM of the products described in this data sheet. SPD stands for serial presence detect. All values with XX in the table are module specific bytes which are defined during production. List of SPD Code Tables * Table 22 "SPD Codes for HYS64T128020EML-[3S/3.7/5]-B" on Page 30
TABLE 22
SPD Codes for HYS64T128020EML-[3S/3.7/5]-B
HYS64T128020EML-3S-B HYS64T128020EML-5-B 1 GByte x64 2 Ranks (x16) Rev. 1.2 HEX 80 08 08 0D 0A 61 40 00 05 50 60 00 82 10 00 Product Type HYS64T128020EML-3.7-B 1 GByte x64 2 Ranks (x16) Rev. 1.2 HEX 80 08 08 0D 0A 61 40 00 05 3D 50 00 82 10 00
Organization
1 GByte x64 2 Ranks (x16)
Label Code JEDEC SPD Revision Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description Programmed SPD Bytes in EEPROM Total number of Bytes in EEPROM Memory Type (DDR2) Number of Row Addresses Number of Column Addresses DIMM Rank and Stacking Information Data Width Not used Interface Voltage Level
PC2-5300M-555 PC2-4200M-444 PC2-3200M-333 Rev. 1.2 HEX 80 08 08 0D 0A 61 40 00 05 30 45 00 82 10 00
tCK @ CLMAX (Byte 18) [ns] tAC SDRAM @ CLMAX (Byte 18) [ns]
Error Correction Support (non-ECC, ECC) Refresh Rate and Type Primary SDRAM Width Error Checking SDRAM Width
Rev. 0.5, 2007-05 05212007-7F24-MITO
30
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
HYS64T128020EML-3S-B
Organization
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
Label Code JEDEC SPD Revision Byte# 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 Description Not used Burst Length Supported Number of Banks on SDRAM Device Supported CAS Latencies DIMM Mechanical Characteristics DIMM Type Information DIMM Attributes Component Attributes
PC2-5300M-555 PC2-4200M-444 PC2-3200M-333 Rev. 1.2 HEX 00 0C 08 38 01 08 00 07 3D 50 50 60 3C 28 3C 2D 80 20 27 10 17 3C 1E 1E 00 06 Rev. 1.2 HEX 00 0C 08 38 01 08 00 07 3D 50 50 60 3C 28 3C 2D 80 25 37 10 22 3C 1E 1E 00 06 Rev. 1.2 HEX 00 0C 08 38 01 08 00 07 50 60 50 60 3C 28 3C 28 80 35 47 15 27 3C 28 1E 00 06
tCK @ CLMAX -1 (Byte 18) [ns] tAC SDRAM @ CLMAX -1 [ns] tCK @ CLMAX -2 (Byte 18) [ns] tAC SDRAM @ CLMAX -2 [ns] tRP.MIN [ns] tRRD.MIN [ns] tRCD.MIN [ns] tRAS.MIN [ns]
Module Density per Rank
tAS.MIN and tCS.MIN [ns] tAH.MIN and tCH.MIN [ns] tDS.MIN [ns] tDH.MIN [ns] tWR.MIN [ns] tWTR.MIN [ns] tRTP.MIN [ns]
Analysis Characteristics
tRC and tRFC Extension
Rev. 0.5, 2007-05 05212007-7F24-MITO
31
HYS64T128020EML-5-B
Product Type
HYS64T128020EML-3.7-B
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
HYS64T128020EML-3S-B
Organization
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
Label Code JEDEC SPD Revision Byte# 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 Description
PC2-5300M-555 PC2-4200M-444 PC2-3200M-333 Rev. 1.2 HEX 3C 7F 80 18 22 00 5D 58 43 32 27 24 39 1E 48 21 34 00 00 00 00 12 16 7F 7F 7F Rev. 1.2 HEX 3C 7F 80 1E 28 00 59 60 3F 2A 2B 20 35 21 40 22 31 00 00 00 00 12 47 7F 7F 7F Rev. 1.2 HEX 37 7F 80 23 2D 00 55 58 33 1D 27 1A 28 1E 30 1E 2B 00 00 00 00 12 68 7F 7F 7F
tRC.MIN [ns] tRFC.MIN [ns] tCK.MAX [ns] tDQSQ.MAX [ns] tQHS.MAX [ns]
PLL Relock Time
TCASE.MAX Delta / T4R4W Delta
Psi(T-A) DRAM T0 (DT0) T2N (DT2N, UDIMM) or T2Q (DT2Q, RDIMM) T2P (DT2P) T3N (DT3N) T3P.fast (DT3P fast) T3P.slow (DT3P slow) T4R (DT4R) / T4R4W Sign (DT4R4W) T5B (DT5B) T7 (DT7) Psi(ca) PLL Psi(ca) REG TPLL (DTPLL) TREG (DTREG) / Toggle Rate SPD Revision Checksum of Bytes 0-62 Manufacturer's JEDEC ID Code (1) Manufacturer's JEDEC ID Code (2) Manufacturer's JEDEC ID Code (3)
Rev. 0.5, 2007-05 05212007-7F24-MITO
32
HYS64T128020EML-5-B
Product Type
HYS64T128020EML-3.7-B
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
HYS64T128020EML-3S-B
Organization
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
Label Code JEDEC SPD Revision Byte# 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 Description Manufacturer's JEDEC ID Code (4) Manufacturer's JEDEC ID Code (5) Manufacturer's JEDEC ID Code (6) Manufacturer's JEDEC ID Code (7) Manufacturer's JEDEC ID Code (8) Module Manufacturer Location Product Type, Char 1 Product Type, Char 2 Product Type, Char 3 Product Type, Char 4 Product Type, Char 5 Product Type, Char 6 Product Type, Char 7 Product Type, Char 8 Product Type, Char 9 Product Type, Char 10 Product Type, Char 11 Product Type, Char 12 Product Type, Char 13 Product Type, Char 14 Product Type, Char 15 Product Type, Char 16 Product Type, Char 17 Product Type, Char 18 Module Revision Code Test Program Revision Code
PC2-5300M-555 PC2-4200M-444 PC2-3200M-333 Rev. 1.2 HEX 7F 7F 51 00 00 xx 36 34 54 31 32 38 30 32 30 45 4D 4C 33 53 42 20 20 20 0x xx Rev. 1.2 HEX 7F 7F 51 00 00 xx 36 34 54 31 32 38 30 32 30 45 4D 4C 33 2E 37 42 20 20 0x xx Rev. 1.2 HEX 7F 7F 51 00 00 xx 36 34 54 31 32 38 30 32 30 45 4D 4C 35 42 20 20 20 20 0x xx
Rev. 0.5, 2007-05 05212007-7F24-MITO
33
HYS64T128020EML-5-B
Product Type
HYS64T128020EML-3.7-B
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
HYS64T128020EML-3S-B
Organization
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
1 GByte x64 2 Ranks (x16)
Label Code JEDEC SPD Revision Byte# 93 94 95 - 98 128 255 Description Module Manufacturing Date Year Module Manufacturing Date Week Module Serial Number Blank for customer use
PC2-5300M-555 PC2-4200M-444 PC2-3200M-333 Rev. 1.2 HEX xx xx xx 00 FF Rev. 1.2 HEX xx xx xx 00 FF Rev. 1.2 HEX xx xx xx 00 FF
99 - 127 Not used
Rev. 0.5, 2007-05 05212007-7F24-MITO
34
HYS64T128020EML-5-B
Product Type
HYS64T128020EML-3.7-B
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
5
Package Outlines
FIGURE 5
Package Outline Raw Card A L-DIM-214-1
This chaper contains the package outlines of the products.
Notes 1. General tolerances +/- 0.15 2. Drawing according to ISO 8015
Rev. 0.5, 2007-05 05212007-7F24-MITO
35
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
6
Product Type Nomenclature
Qimonda's nomenclature uses simple coding combined with some proprietary coding. Table 23 provides examples for module and component product type number as well as the field number. The detailed field description together with possible values and coding explanation is listed for modules in Table 24 and for components in Table 25.
TABLE 23
Nomenclature Fields and Examples
Example for Field Number 1 Micro-DIMM DDR2 DRAM HYS HYB 2 64 18 3 T T 4 64/128 5 0 6 2 7 0 0 8 K A 9 M C 10 -5 -5 11 -A
512/1G 16
TABLE 24
DDR2 DIMM Nomenclature
Field 1 2 3 4 Description Qimonda Module Prefix Module Data Width [bit] DRAM Technology Memory Density per I/O [Mbit]; Module Density1) Values HYS 64 72 T 32 64 128 256 512 5 6 7 8 9 Raw Card Generation Number of Module Ranks Product Variations Package, Lead-Free Status Module Type 0 .. 9 0, 2, 4 0 .. 9 A .. Z D M R U F Coding Constant Non-ECC ECC DDR2 256 MByte 512 MByte 1 GByte 2 GByte 4 GByte Look up table 1, 2, 4 Look up table Look up table SO-DIMM Micro-DIMM Registered Unbuffered Fully Buffered
Rev. 0.5, 2007-05 05212007-7F24-MITO
36
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Field 10
Description Speed Grade
Values -2.5F -2.5 -3 -3S -3.7 -5
Coding PC2-6400 5-5-5 PC2-6400 6-6-6 PC2-5300 4-4-4 PC2-5300 5-5-5 PC2-4200 4-4-4 PC2-3200 3-3-3 First Second
11
Die Revision
-A -B
1) Multiplying "Memory Density per I/O" with "Module Data Width" and dividing by 8 for Non-ECC and 9 for ECC modules gives the overall module memory density in MBytes as listed in column "Coding".
TABLE 25
DDR2 DRAM Nomenclature
Field 1 2 3 4 Description Qimonda Component Prefix Interface Voltage [V] DRAM Technology Component Density [Mbit] Values HYB 18 T 256 512 1G 2G 5+6 Number of I/Os 40 80 16 7 8 9 10 Product Variations Die Revision Package, Lead-Free Status Speed Grade 0 .. 9 A B C F -25F -2.5 -3 -3S -3.7 -5 Coding Constant SSTL_18 DDR2 256 Mbit 512 Mbit 1 Gbit 2 Gbit x4 x8 x16 Look up table First Second FBGA, lead-containing FBGA, lead-free DDR2-800 5-5-5 DDR2-800 6-6-6 DDR2-667 4-4-4 DDR2-667 5-5-5 DDR2-533 4-4-4 DDR2-400 3-3-3
Rev. 0.5, 2007-05 05212007-7F24-MITO
37
Preliminary Internet Data Sheet
HYS64T128020EML-[3S/3.7/5]-B Unbuffered DDR2 SDRAM MicroDIMM Modules
Table of Contents
1 1.1 1.2 2 2.1 3 3.1 3.2 3.3 3.3.1 3.3.2 3.3.3 3.4 4 5 6 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin Configuration and Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Speed Grade Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AC Timing Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ODT AC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DD Specifications and Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 12 12 14 14 16 25 27
I
SPD Codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Package Outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 Product Type Nomenclature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 Table of Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Rev. 0.5, 2007-05 05212007-7F24-MITO
38
Preliminary Internet Data Sheet
Edition 2007-05 Published by Qimonda AG Gustav-Heinemann-Ring 212 D-81739 Munchen, Germany (c) Qimonda AG 2007. All Rights Reserved. Legal Disclaimer The information given in this Internet Data Sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Qimonda hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Qimonda Office. Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Qimonda Office. Qimonda Components may only be used in life-support devices or systems with the express written approval of Qimonda, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. www.qimonda.com


▲Up To Search▲   

 
Price & Availability of HYS64T128020EML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X